Part Number Hot Search : 
M5817 C40S1 221M16 OB2288 TA0326A PC160 203D5 CCF6054K
Product Description
Full Text Search
 

To Download MMBT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Transistor (PNP)
COMCHIP
www.comchiptech.com
MMBT2907A
Features
Epitaxial Planar Die Construction
Complementary NPN Type Available (MMBT2222A)
Ideal for Medium Power Amplification and Switching
TO-236AB (SOT-23)
.122 (3.1) .110 (2.8) .016 (0.4) 3 .056 (1.43) .052 (1.33) 1 2 max. .004 (0.1)
Pin Configuration 1 = Base 2 = Emitter 3 = Collector
Mechanical Data
Case: SOT-23 Plastic Package Weight: approx. 0.008g
Top View
COLLECTOR
3 1
BASE
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
2
EMITTER
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics
Rating Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current -- Continuous Characteristic Total Device Dissipation FR- 5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol VCEO VCBO VEBO IC Symbol PD 2907 -40 -60 -5.0 -600 Max 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 - 55 to +150 2907A -60
Ratings at 25C ambient temperature unless otherwise specified.
Unit Vdc Vdc Vdc mAdc Unit mW mW/C C/W mW mW/C C/W C
MDS030300B1
Page 1
.045 (1.15) .037 (0.95)
General Purpose Transistor (PNP)
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol
COMCHIP
www.comchiptech.com
Min
Max
Unit
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage(3) (IC = -10 mAdc, IB = 0) Collector - Base Breakdown Voltage (IC = -10 mAdc, IE = 0) Emitter - Base Breakdown Voltage (IE = -10 mAdc, IC = 0) Collector Cutoff Current (VCE = -30 Vdc, VBE(off) = -0.5 Vdc) Collector Cutoff Current (VCB = -50 Vdc, IE = 0) MMBT2907 MMBT2907A MMBT2907 MMBT2907A IB V(BR)CEO MMBT2907 MMBT2907A V(BR)CBO V(BR)EBO ICEX ICBO -- -- -- -- -- -0.020 -0.010 -20 -10 -50 nAdc -40 -60 -60 -5.0 -- -- -- -- -- -50 Vdc Vdc nAdc Adc Vdc
(VCB = -50 Vdc, IE = 0, TA = 125C) Base Current (VCE = -30 Vdc, VEB(off) = -0.5 Vdc)
ON CHARACTERISTICS
DC Current Gain (IC = -0.1 mAdc, VCE = -10 Vdc) hFE MMBT2907 MMBT2907A MMBT2907 MMBT2907A MMBT2907 MMBT2907A MMBT2907 MMBT2907A MMBT2907 MMBT2907A VCE(sat) -- -- VBE(sat) -- -- -1.3 -2.6 -0.4 -1.6 Vdc 35 75 50 100 75 100 -- 100 30 50 -- -- -- -- -- -- -- 300 -- -- Vdc --
(IC = -1.0 mAdc, VCE = -10 Vdc)
(IC = -10 mAdc, VCE = -10 Vdc)
(IC = -150 mAdc, VCE = -10 Vdc) (3)
(IC = -500 mAdc, VCE = -10 Vdc) (3) Collector - Emitter Saturation Voltage (3) (IC = -150 mAdc, IB = -15 mAdc) (IC = -500 mAdc, IB = -50 mAdc) Base - Emitter Saturation Voltage (3) (IC = -150 mAdc, IB = -15 mAdc) (IC = -500 mAdc, IB = -50 mAdc)
1.FR-5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
MDS030300B1
Page 2
General Purpose Transistor (PNP)
COMCHIP
www.comchiptech.com
SMALL- SIGNAL CHARACTERISTICS
Current - Gain -- Bandwidth Product (3),(4) (IC = -50 mAdc, VCE = -20 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = -2.0 Vdc, IC = 0, f = 1.0 MHz) fT 200 Cobo -- Cibo -- 30 8.0 pF -- pF MHz
SWITCHING CHARACTERISTICS
Turn-On Time Delay Time Rise Time Turn-Off Time Storage Time Fall Time (VCC = -6.0 Vdc, IC = -150 mAdc, IB1 = IB2 = -15 mAdc) 15 mAdc (VCC = -30 Vdc, IC = -150 mAdc, IB1 = -15 mAdc) 15 mAdc ton td tr toff ts tf -- -- -- -- -- -- 45 10 40 100 80 30 ns ns
3. Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%. 4. fT is defined as the frequency at which |hfe| extrapolates to unity. INPUT Zo = 50 PRF = 150 PPS RISE TIME 2.0 ns P.W. < 200 ns 0 -16 V 200 ns 50 1.0 k INPUT Zo = 50 PRF = 150 PPS RISE TIME 2.0 ns P.W. < 200 ns 0 -30 V 200 ns
v
v
-30 V 200
+15 V
-6.0 V 37 TO OSCILLOSCOPE RISE TIME 5.0 ns
1.0 k 1.0 k 50
TO OSCILLOSCOPE RISE TIME 5.0 ns
1N916
Figure 1. Delay and Rise Time Test Circuit
Figure 2. Storage and Fall Time Test Circuit
MDS030300B1
Page 3
General Purpose Transistor (PNP)
TYPICAL CHARACTERISTICS
3.0 2.0 hFE , Normalized Current Gain VCE = -1.0 V VCE = -10 V TJ = 125C 25C 1.0 0.7 0.5 0.3 0.2 -0.1 - 55C
COMCHIP
www.comchiptech.com
-0.2 -0.3
-0.5 -0.7 -1.0
-2.0
-3.0
-5.0 -7.0
-10
-20
-30
-50 -70 -100
-200 -300
-500
I C, Collector Current (mA)
Figure 3. DC Current Gain
-1.0 VCE , Collector-Emitter Voltage (V)
-0.8 IC = -1.0 mA -0.6 -10 mA -100 mA -500 mA
-0.4
-0.2
0 -0.005
-0.01
-0.02 -0.03 -0.05 -0.07 -0.1
-0.2
-0.3 -0.5 -0.7 -1.0 I B, Base Current (mA)
-2.0
-3.0
-5.0 -7.0 -10
-20 -30
-50
Figure 4. Collector Saturation Region
300 200 100 70 50 30 20 td @ VBE(off) = 0 V 10 7.0 5.0 3.0 -5.0 -7.0 -10 -20 -30 -50 -70 -100 IC, Collector Current tr
500 VCC = -30 V IC/IB = 10 TJ = 25C t, Time (ns) 300 200 tf 100 70 50 30 20 2.0 V -200 -300 -500 10 7.0 5.0 -5.0 -7.0 -10 ts = ts - 1/8 tf VCC = -30 V IC/IB = 10 IB1 = IB2 TJ = 25C
t, Time (ns)
-20 -30 -50 -70 -100 I C, Collector Current (mA)
-200 -300 -500
Figure 5. Turn-On Time
MDS030300B1 MDS030300
Figure 6. Turn-Off Time
Page 4
General Purpose Transistor (PNP)
TYPICAL SMALL- SIGNAL CHARACTERISTICS
NOISE FIGURE VCE = 10 Vdc, TA = 25C
10 10 f = 1.0 kHz 8.0 NF, Noise Figure (dB) IC = -1.0 mA, Rs = 430 -500 A, Rs = 560 -50 A, Rs = 2.7 k -100 A, Rs = 1.6 k Rs = OPTIMUM SOURCE RESISTANCE NF, Noise Figure (dB) 8.0
COMCHIP
www.comchiptech.com
6.0
6.0
4.0
4.0
IC = -50 A -100 A -500 A -1.0 mA
2.0
2.0
0 0.01 0.02 0.05 0.1 0.2
0.5 1.0 2.0 f, Frequency (kHz)
5.0 10
20
50
100
0
50
100
200
500 1.0 k 2.0 k
5.0 k 10 k
20 k
50 k
R s, Source Resistance (OHMS)
Figure 7. Frequency Effects
Figure 8. Source Resistance Effects
30 f T, Current-Gain -- Bandwidth Product (MHz) 20 Ceb
400 300 200
C, Capacitance (pF)
10 7.0 5.0 3.0 2.0 -0.1 Ccb
100 80 60 40 30 20 -1.0 -2.0
VCE = -20 V TJ = 25C
-0.2 -0.3 -0.5
-1.0
-2.0 -3.0 -5.0
-10
-20 -30
-5.0
-10
-20
-50
-100 -200
-500 -1000
Reverse Voltage (VOLTS)
I C, Collector Current (mA)
Figure 9. Capacitances
Figure 10. Current-Gain -- Bandwidth Product
-1.0 TJ = 25C -0.8 VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = -10 V Coefficient (mV/ C)
+0.5 0 RqVC for VCE(sat) -0.5 -1.0 -1.5 -2.0 VCE(sat) @ IC/IB = 10 -2.5 -0.1 -0.2 -0.5 -1.0 -2.0 RqVB for VBE
-0.6 V, Voltage (V)
-0.4
-0.2
0 -0.1 -0.2
-0.5 -1.0 -2.0 -5.0 -10 -20 I C, Collector Current (mA)
-50 -100 -200
-500
-5.0 -10 -20
-50 -100 -200 -500
I C, Collector Current (mA)
Figure 11. "On" Voltage
MDS030300B1
Figure 12. Temperature Coefficients
Page 5


▲Up To Search▲   

 
Price & Availability of MMBT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X